Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download AC1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. 10/00
AC1008
Typical Values
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1008
+18.5 dBm +16.2 dB +33.0 dBm
Medium Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Medium Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Performance Thin Film Standard Size TO-8
AC1008
TO-8 Package for Amplifiers
0.450 (11.43) DIA. 0.208 (5.28) MAX. 0.025 (0.64)
SPECIFICATIONS*
Parameter
Frequency (Min.) Small Signal Gain (Min.) Gain Flatness (Max.) Noise Figure (Max.) SWR (Max.) Input/Output 5-10 MHz 10-1000 MHz
0.185 0.015 (4.70 0.38) 0.018 0.002 DIA. PIN (0.46 0.05) (4) PLCS 0.504 (12.80) DIA. 50 OHM INPUT GROUND 50 OHM OUTPUT
Typical
5-1000 MHz 15.5 dB 0.2 dB 4.5 dB
Guaranteed 0 to 50 C -55 to +85 C
5-1000 MHz 14.8 dB 0.4 dB 5.5 dB 5-1000 MHz 14.3 dB
0.033 (0.84)
0.5 dB 6.0 dB
+DC VOLTAGE
0.031 (0.79) 45 3 0.300 (7.62) DIA. B.C.
<1.6:1 <1.5:1
1.8:1 1.7:1
1.9:1 1.8:1
DIMENSIONS ARE IN INCHES (MILLIMETERS)
Power Output (Min.) @ 1dB comp. DC Current (Max.)
+18.5 dBm 85 mA
+18.0 dBm 88.0 mA
+17.5 dBm 93.0 mA
AS1008
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
SMTO-8 Package for Amplifiers
0.450 (11.43) 0.225 (5.72)
INTERMODULATION PERFORMANCE
0
DETAIL A (NO SCALE) DC BIAS 0.016 0.002 0.010 0.002
Typical @ 25 C
+12 Volts
+44 dBm +38 dBm +26 dBm
+15 Volts
+50 dBm +44 dBm +33 dBm
0 50 INPUT 0.250 (6.35) 0.450 (11.43) .0.075 (1.91) 0.225 (5.72) 0.375 (9.53) 0.016 0.002 (0.41 0.05) (4) PLCS
Second Order Harmonic Intercept Point . . . . . Second Order Two Tone Intercept Point. . . . . . Third Order Two Tone Intercept Point. . . . . . . .
0.008
0.012
50 OUTPUT
ABSOLUTE MAXIMUM RATINGS
SEE DETAIL "A"
GND 0
0.040 0.012 (1.02 0.30) (4) PLCS 0.050 (1.27) (4) PLCS 0.100 (2.54) (4) PLCS 0.170 (4.32)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Continuous RF Input Power . . . . . . . . . . . . . . . . Maximum Short Term Input Power (1 Minute Max.) . . . . . . Maximum Peak Power (3 sec Max.) . . . . . . . . . . . . . . . . . . Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance1 (jc) . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
1
-62 to 125 C +125 C +17 Volts +13 dBm 100 Milliwatts 0.5 Watt +105 C +32 C/Watt +44.2 C
0 0.075 (1.91) 0.200 (5.08) 0.350 (8.89) 0.450 (11.43) 0.010 (TYP.) (0.25)
0.031 (0.79) 0.031 (0.79) 45 0.008 0.001 (0.20 0.03)
DIMENSIONS ARE IN INCHES (MILLIMETERS)
Thermal resistance is based on total power dissipation.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
192
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
2005/2006
AC1008
Typical Performance AC1008
TYPICAL PERFORMANCE
Gain vs Temperature Vcc =
17.0 GAIN - dB 16.0 15.0 14.0 5 10 30 50 100 400 600 FREQUENCY - MHz 800 1000 1200 KEY: +25 C +85 C -55 C 15
Model: AC1008 FREQ SWR MHZ IN 5 1.53 10 1.26 30 1.15 50 1.14 100 1.13 200 1.14 300 1.17 400 1.20 500 1.23 600 1.26 700 1.29 800 1.30 900 1.31 1000 1.32 1100 1.33
TYPICAL AUTOMATIC TEST DATA
SWR OUT 1.52 1.36 1.29 1.27 1.26 1.27 1.28 1.28 1.27 1.25 1.23 1.21 1.22 1.26 1.35 Vcc=+15V GAIN PHASE DB DEG 15.09 -154 15.30 -168 15.46 -180 15.49 176 15.48 167 15.42 151 15.37 136 15.36 122 15.38 107 15.37 92 15.38 77 15.35 61 15.26 45 15.10 29 14.89 12 DELAY NSEC Icc=83.96 REV/ISO DB -20.2 -19.9 -19.8 -19.7 -19.6 -19.7 -19.7 -19.6 -19.5 -19.4 -19.3 -19.2 -19.0 -18.9 -18.8
NOISE FIGURE - dB
Noise Figure Vcc = 12 / 15
5.0 4.0 3.0 2.0 5 10 30 50 100 400 600 FREQUENCY - MHz 800 1000 1200
1.60 0.69 0.50 0.43 0.41 0.40 0.41 0.42 0.43 0.43 0.45 0.45 0.46
Power Output at 1 dB Compression
24.0 OUTPUT POWER - dBm 22.0 +15 V 20.0 18.0 16.0 +12 V 14.0 12.0 5 10 30 50 100 400 600 FREQUENCY - MHz 800 1000 1200
Model: AC1008 FREQ. MHz 5 10 30 50 100 200 300 400 500 600 700 800 900 1000 1100 1200
S11 MAG 0.21 0.11 0.07 0.06 0.06 0.07 0.08 0.09 0.10 0.12 0.13 0.13 0.14 0.14 0.14 0.15 ANG -97.5 -110.4 -140.0 -152.5 -163.6 -167.3 -171.0 179.7 168.1 155.0 140.9 125.6 107.7 88.70 69.90 53.60
LINEAR S-PARAMETERS Vcc=+15V S21 S12 MAG ANG MAG ANG 5.68 -154.4 0.098 28.9 5.82 -168.0 0.101 14.4 5.93 -179.5 0.103 3.5 5.95 175.5 0.104 0.2 5.94 166.5 0.104 -4.7 5.90 151.2 0.103 -11.8 5.87 136.4 0.104 -17.7 5.86 121.9 0.104 -24.1 5.87 107.2 0.106 -30.1 5.87 92.10 0.107 -36.6 5.87 76.80 0.109 -43.3 5.85 61.10 0.110 -50.5 5.79 45.00 0.112 -58.2 5.69 28.70 0.113 -65.2 5.56 12.30 0.114 -73.1 5.36 -4.40 0.116 -80.5 Vcc=+12V GAIN PHASE DB DEG 14.86 -155 15.03 -168 15.19 -180 15.22 175 15.21 166 15.14 151 15.09 136 15.07 121 15.07 106 15.06 91 15.02 76 60 14.97 14.84 44 14.64 28 14.41 11
Icc=83.96 S22 MAG ANG 0.21 -166.6 0.15 -179.2 0.13 171.1 0.12 168.2 0.11 161.8 0.12 148.2 0.12 133.0 0.12 118.7 0.12 108.0 0.11 100.5 0.10 98.2 0.10 102.4 0.10 111.1 0.12 119.5 0.15 122.8 0.19 122.1 Icc=66.48 REV/ISO DB -19.9 -19.7 -19.5 -19.4 -19.4 -19.5 -19.5 -19.4 -19.3 -19.1 -19.0 -18.9 -18.7 -18.6 -18.5
INTERCEPT POINT - dBm
Intercept Point Vcc = 15
60 2nd HAR 50 IP 2 40 30 20 10 20 30 50 100 400 600 FREQUENCY - MHz 800 1000 1200 IP 3
INTERCEPT POINT - dBm
Intercept Point Vcc = 12
60 50 40 30 20 10 20 30 50 100 IP 3 400 600 FREQUENCY - MHz 800 1000 1200 2nd HAR IP 2
Model: AC1008 FREQ SWR MHZ IN 5 1.50 10 1.23 30 1.12 50 1.10 100 1.10 200 1.13 300 1.17 400 1.21 500 1.25 600 1.29 700 1.32 1.35 800 900 1.36 1.37 1000 1.38 1100
SWR OUT 1.44 1.30 1.23 1.21 1.20 1.21 1.21 1.22 1.21 1.21 1.21 1.24 1.29 1.37 1.48
DELAY NSEC
1.60 0.69 0.50 0.43 0.41 0.41 0.42 0.42 0.43 0.44 0.45 0.45 0.45
Model: AC1008 FREQ. MHz 5 10 30 50 100 200 300 400 500 600 700 800 900 1000 1100 1200
S11 MAG 0.20 0.10 0.05 0.05 0.05 0.06 0.08 0.10 0.11 0.13 0.14 0.15 0.15 0.16 0.16 0.17 ANG -93.0 -101.2 -125.8 -138.2 -148.8 -149.0 -155.3 -167.0 179.5 164.7 149.4 133.2 115.2 95.9 76.7 59.6
LINEAR S-PARAMETERS Vcc=+12V S21 S12 MAG ANG MAG ANG 5.53 -154.7 0.101 28.6 5.64 -168.1 0.103 14.3 0.106 3.5 -179.6 5.75 5.77 175.4 0.107 0.1 5.76 166.4 0.107 -4.6 5.72 150.8 0.106 -11.6 5.68 135.9 0.106 -17.5 5.67 121.3 0.108 -23.8 5.67 106.3 0.109 -30.0 5.66 91.1 0.110 -36.4 5.64 75.6 0.112 -43.1 0.113 -50.4 59.9 5.60 5.52 43.7 0.116 -57.8 5.39 27.5 0.117 -65.2 5.25 11.2 0.119 -72.9 5.05 -5.4 0.121 -80.5
Icc=66.48 S22 MAG ANG 0.18 -168.0 0.13 179.3 0.10 169.6 0.09 167.7 0.09 163.0 0.09 152.0 0.10 138.5 0.10 126.4 0.10 119.2 0.09 116.7 0.10 119.0 0.11 124.2 0.12 128.1 0.16 128.1 0.19 124.7 0.24 120.2
2005/2006
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
193


▲Up To Search▲   

 
Price & Availability of AC1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X